PART |
Description |
Maker |
STW80NF10 7305 |
N-CHANNEL 100V - 0.012ohm - 80A TO-247 LOW GATE CHARGE STripFETPOWER MOSFET N沟道100V 0.012ohm - 80A 247低栅极电荷STripFET⑩功率MOSFET N-CHANNEL 100V - 0.012ohm - 80A TO-247 LOW GATE CHARGE STripFET POWER MOSFET N-CHANNEL 100V 0.012 OHM 80A TO-247 LOW GATE CHARGE STRIPFET POWER MOSFET From old datasheet system N-CHANNEL 100V - 0.012ohm - 80A TO-247 LOW GATE CHARGE STripFET⑩ POWER MOSFET N-CHANNEL 100V 0.012 OHM 80A TO-247 LOW GATE CHARGE STRIPFET POWER MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
FDD3672 FDD3672NL |
N-Channel UltraFET Trench MOSFET 100V/ 44A/ 28m N-Channel UltraFET Trench MOSFET 100V, 44A, 28mз Discrete Commercial N-Channel UltraFET Trench MOSFET, 100V, 44A, 0.028 Ohms @ VGS = 10V, TO-252/DPAK Package N-Channel UltraFET Trench MOSFET 100V, 44A, 28mOhm
|
FAIRCHILD[Fairchild Semiconductor]
|
IRF5Y3710CM |
POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.035ohm, Id=18A*) 功率MOSFET N沟道(减振钢板基本\u003d 100V的,的Rds(on)\u003d 0.035ohm,身份证\u003d 18A POWER MOSFET N-CHANNEL(Vdss=100V Rds(on)=0.035ohm Id=18A*) THRU-HOLE (TO-257AA) 100V, N-CHANNEL 100V Single N-Channel Hi-Rel MOSFET in a TO-257AA package
|
International Rectifier, Corp. IRF[International Rectifier]
|
FQI44N10 FQB44N10 FQB44N10TM |
100V N-Channel QFET 100V N-Channel MOSFET 43.5 A, 100 V, 0.039 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor] http://
|
HUFA75631SK8 HUFA75631SK8T |
5.5A, 100V, 0.039 Ohm, N-Channel, UltraFETPower MOSFET 5.5A, 100V, 0.039 Ohm, N-Channel, UltraFET Power MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 100V V(BR)DSS | 5.5A I(D) | SO
|
Fairchild Semiconductor Corporation
|
STS3C2F100 |
N-CHANNEL 100V - 0.110 OHM - 3A SO-8 P-CHANNEL 100V - 0.320 OHM - 1.5A SO-8 COMPLEMENTARY PAIR STripFET POWER MOSFET
|
ST Microelectronics
|
IRF5M5210 IRF5M5210D IRF5M5210UPBF IRF5M5210-15 |
-100V Single P-Channel Hi-Rel MOSFET in a TO-254AA package 34 A, 100 V, 0.07 ohm, P-CHANNEL, Si, POWER, MOSFET POWER MOSFET P-CHANNEL(Vdss=-100V, Rds(on)=0.07ohm, Id=-34A) Avalanche Energy Ratings
|
IRF[International Rectifier]
|
FDS3992 |
N-Channel PowerTrench MOSFET 100V, 4.5A, 62mз 4.5 A, 100 V, 0.062 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET N-Channel PowerTrench MOSFET 100V/ 4.5A/ 62m
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
IRHG7110 |
100V, 4 N-Channel Thru-Hole Radiation Hardened Power MOSFET(100V,通孔安装抗辐射功率四N沟道MOSFET)
|
International Rectifier
|
FDS3692 |
Discrete Commercial N-Channel UltraFET Trench MOSFET, 100V, 4.5A, 0.060 Ohm @ Vgs = 10V, SO-8 Package N-Channel PowerTrench?? MOSFET 60V, 45A, 20m??? N-Channel PowerTrench MOSFET 100V, 45A, 60mohm
|
FAIRCHILD[Fairchild Semiconductor]
|
|